Part Number Hot Search : 
LC865 N5550 SFF140M RU1608 UNR31A5 1SS400 1003F 284871
Product Description
Full Text Search
 

To Download GBU8005C-GBU810C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU8005C thru GBU810C
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 8.0 Amperes GBU-C
.437(11.1) .430(10.9) .874(22.2) .860(21.8) .154(3.9) .146(3.7) .232(5.9) .224(5.7) .401(10.2) .392(9.80) .156(3.95) .126(3.2)*45 .148(3.75) CHAMFER
FEATURES
Surge overload rating -200 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
.752(19.1) .720(18.3) .079(2.0) .063(1.6)
.720(18.29) .680(17.27) .047(1.2) .035(0.9)
.100(2.54) .085(2.16) .126(3.2) .114(2.9) .080(2.03) .065(1.65)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.022(.56) .018(.46)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 4.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
GBU 8005C 50 35 50
GBU 801C 100 70 100
GBU 802C 200 140 200
GBU 804C 400 280 400 8.0 3.2 200 1.0 10 500 166 60 2.2 -55 to +125 -55 to +150
GBU 806C 600 420 600
GBU 808C 800 560 800
GBU 810C 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V A A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
~ 285 ~
RATING AND CHARACTERTIC CURVES GBU8005C thru GBU810C SERIES
FIG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 10 PEAK FORWARD SURGE CURRENT, AMPERES
WITH HEATSINK
200
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
8.0 6.0 4.0 2.0 0.00
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
150
WITHOUT HEATSINK
100
50 0 0 2 5
0.1 0
20
40
60
80
100
120
140
10
20
50
100
CASE TEMPERATURE, C
NUMBER OF CYCLETS AT 60Hz
FIG.4-TYPICAL FORWARD CHARACTERISTICS FIG.3-TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT, (A) 10
CAPACITANCE,(pF)
100
1.0
10
0.1
TJ = 25C PULSE WIDTH 300us
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5-TYPICAL REVERSE CHARACTERISTICS
1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
TJ=125C
100
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 286 ~


▲Up To Search▲   

 
Price & Availability of GBU8005C-GBU810C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X